|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SW-110-PIN GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz Features * 1 dB Compression Point: +39 dBm Typical, -8V Control * IP3: +65 dBm Typical, -8V Control * Insertion Loss: 0.45 dB Typical * Low Power Consumption * Fast Switching Speed * Hermetic Surface Mount Package * 50 Ohm Nominal Impedance * Lead-Free CR-9 Package * 260C Reflow Compatible * RoHS* Compliant Rev. V6 Functional Block Diagram Description M/A-COM's SW-110-PIN is a GaAs MMIC SPDT reflective switch with an integral silicon ASIC driver. This device is in a 16 lead ceramic surface mount package. These switches exhibit excellent performance and repeatability from DC to 3.0 GHz, with very low DC power dissipation. The SW-110-PIN is ideally suited for RF/IF communications applications. Environmental screening is available. Contract the factory for information. Pin Configuration Pin No. Function Vee GND GND GND RF2 GND GND GND Pin No. 9 10 11 12 13 14 15 16 Function RFC GND GND RF1 GND GND Vcc C1 Ordering Information Part Number SW-110-PIN MASW-008844-0001TB 1 2 3 Package Bulk Packaging Sample Test Board 4 5 6 7 8 Note: Reference Application Note M513 for reel size information. The metal bottom of the case must be connected to RF and DC ground. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. SW-110-PIN GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz Electrical Specifications: TA = 25C1,2,3 Parameter Reference Insertion Loss Rev. V6 Test Conditions -- Frequency DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz -- -- -- 0.9 GHz 0.9 GHz 0.9 GHz 0.9 GHz 0.9 GHz 0.9 GHz -- -- Units dB dB dB dB dB dB dB dB Ratio Ratio Ratio Ratio nS nS mV dBm dBm dBm dBm dBm dBm V V mA Min -- -- -- -- 40 35 24 18 -- -- -- -- -- -- -- -- -- -- -- -- -- 4.5 -8.0 -- Typ -- -- -- -- -- -- -- -- -- -- -- -- 12 35 30 +32.5 +32.5 +32.5 +39.5 +61 +65 5.0 -- -- Max 0.6 0.7 0.9 1.1 -- -- -- -- 1.2:1 1.4:1 1.4:1 1.5:1 -- -- -- -- -- -- -- -- -- 5.5 -5.0 1.0 Isolation -- VSWR -- Trise, Tfall Ton, Toff Transients 1 dB Compression 10% to 90% 1.3V Control to 90/10% RF In-band (peak-peak) Input Power, 0.1 dB, -5V Control Input Power, 1.0 dB, -5V Control Input Power, 0.1 dB, -8V Control Input Power, 1.0 dB, -8V Control For two-tone Input power up to +10 dBm -5V Control -8V Control Input IP3 Vcc Vee Icc Vcc = 4.5 to 5.5V Vctl = 0 to 0.8V, or VCC - 2.1V to VCC Vee = -5.0 to -8.0V Logic 0 (TTL) Logic 1 (TTL) 0 to 0.8V 2.0 to 5.0V -- Iee Vctl Vctl Input Leakage Current (Low) Input Leakage Current (High) -- -- -- -- -- mA V V A A -- 0.0 2.0 -- -- -- -- -- -- -- 1.0 0.8 5.0 1.0 1.0 1. All specifications apply when operated with bias voltages of +5V for Vcc and -5.0V to -8.0V for Vee, and 50 Ohm impedance at all RF ports unless otherwise specified. 2. For this switch to meet the guaranteed specifications, it is necessary to have a DC return on either RF1 or RF2. The DC return can be either a 10k Ohm resistor, or an RF choke. 3. High Power (greater than 1W) handling specifications apply to cold switching only. For input powers under 1W, hot switching can be used. 2 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. SW-110-PIN GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz Absolute Maximum Ratings 4,5 Parameter Max Input Power 0.05 GHz 0.5 - 3.0 GHz -5V Control -8V Control Power Dissipation 6,7 VCC VEE VCC - VEE Vin8 Operating Temperature Storage Temperature Junction Temperature Thermal Resistance jc 4. 5. 6. 7. Rev. V6 Absolute Maximum +35 +36 +39 2.0W -0.5V VCC +7.0V -8.5V VEE +0.5V -0.5V VCC - VEE 14.5V -0.5V Vin VCC + 0.5V -55C to +125C -65C to +150C +175C +50C/W Truth Table (Switch) Control Inputs C1 0 1 0 = TTL Low; 1 = TTL High Condition of Switch RF Common to each RF Port RF1 On Off RF2 Off On 8. Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits. Tcase = 25C, where Tcase is the temperature at the bottom of the case. Special consideration must be given to the mounting of the switch to minimize the thermal resistance. The bottom of the case should be thermally attached to the mounting surface to maintain the junction temperature under the absolute maximum rating. Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply. Two Tone IP3 Measurements Bias Input Voltage Power for Each Tone (dBm) 0, -5V 0, -6V 0, -7V 0, -8V 0, -5V 0, -6V 0, -7V 0, -8V 0, -5V 0, -6V 0, -7V 0, -8V 0, -5V 0, -6V 0, -7V 0, -8V +27 +27 +27 +27 +28 +28 +28 +28 +29 +29 +29 +29 +30 +30 +30 +30 3rd IP3 Second Order (dBm) Harmonic Intermod (dBc) Products (dBc) -34 -49 -64 -65 -30 -41 -52 -60 -28 -34 -44 -52 -26 -32 -38 -44 +44 +51 +59 +59 +43 +48 +54 +58 +43 +46 +51 +55 +43 +46 +49 +52 -61 -61 -63 -63 -58 -58 -57 -57 -54 -54 -54 -54 -52 -51 -51 -51 Handling Procedures Please observe the following precautions to avoid damage: Static Sensitivity Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices. 3 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. SW-110-PIN GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz Typical Performance Curves Insertion Loss vs. Frequency + 8 5 C 1.0 + 2 5 C - 55 C Rev. V6 Isolation vs. Frequency 80 70 Insertion Loss (dB) Iso latio n (d B ) 0.8 60 50 40 30 20 10 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0.6 0.4 0.2 0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 F re que nc y ( G H z) F requency (GH z) VSWR vs. Frequency 1.5 1.4 Compression vs. Control Voltage at 900 MHz 1.0 d B C o mp ressio n 0 .1 d B C o mp ressio n C o m p re s s io n ( d B ) 40 35 30 25 20 15 10 -2.0 -3.0 -4.0 -5.0 -6.0 -7.0 -8.0 VSWR 1.3 1.2 1.1 1.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 F re que nc y ( G H z) C o ntro l Vo ltage (Vo lts) 4 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. SW-110-PIN GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz Lead-Free, CR-9 Ceramic Package Rev. V6 Reference Application Note M538 for lead-free solder reflow recommendations. 5 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. |
Price & Availability of SW-110-PIN |